Part Number Hot Search : 
IRFBF20 32017 250254B SAA6579 53259 SAA1305T PB314006 93C46
Product Description
Full Text Search
 

To Download VPS36-1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWE R TRAN S FO R M E R CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES TM
V P S 36- 1200
Electrical Specifications (@25C)
1. Maximum Power: 43.0VA 2. Secondary: Series: 36.0V CT@ 1.2A Parallel: 18.0V @ 2.4.A 3. Voltage Regulation: 25% TYP @ full load to no load 4. Temperature Rise: 30C TYP (45C MAX allowed) 5. Insulation Resistance: 100M
Construction:
Dual bobbin construction with an insulated shroud, both made of a high temperature material that exceeds UL flammability requirements.
Safety:
These units are designed with 4000VAC isolation between the primary and secondary, and also, between each winding and the core. Since the dual bobbin construction effectively reduces capacitance, electrostatic shielding is not required. World Series Transformers are designed and manufactured to meet the following agency approvals:
D B
Agency File:
UL: File E53148, UL 506, General Purpose. CSA: File LR 37220. C22.2 NO. 66, General Purpose. VDE: File 18786-3390-0001, VDE/EN 60 950, (IEC950) information Technology Equipment. A. Dimensions: H 2-11/16 W 3-1/8 D 2 A 2-5/16 B 1-1/8 C 5/16 T 3/16 Unit: In inches MW 2-13/16 ML H
C
A
6 5 2 1
12 11 8 7
B. Mounting Hole Size: 3/16" C. WT Lbs. : 1.6 D. Schematic Diagram:
PARALLEL 6 12 CONNECTION 6 115/230V 50/60Hz 5 2 11 8 115V 50/60Hz 5 2 1 1 7 230V 50/60Hz SERIES CONNECTION 6 5 2 1
T
MW W
RoHS Compliance: As of manufacturing date February 2005, all standard products meet the requirements of 2002/95/EC, known as the RoHS initiative. * Upon printing, this document is considered "uncontrolled". Please contact Triad Magnetics' website for the most current version. Web: www.TriadMagnetics.com Phone 951-277-0757 Fax 951-277-2757
22520B Temescal Canyon Road Corona, California 92883
Release Date: Revision: A
July 26, 2004


▲Up To Search▲   

 
Price & Availability of VPS36-1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X